Part Number Hot Search : 
16N60 MMBZ523 5040EX WP34YD JM385 P4KE68 KE400A AP1616
Product Description
Full Text Search
 

To Download 1110UFE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 200 V - 1,000 V Single Phase Bridge
1.4 A - 1.5 A Forward Current 70 ns - 3000 ns Recovery Time
1102E - 1110E 1102FE - 1110FE 1102UFE - 1110UFE
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Part Number Working Reverse Voltage (Vrwm) Average Rectified Current @TC (Io) 55C Volts 1102E 1106E 1110E 1102FE 1106FE 1110FE 1102UFE 1106UFE 1110UFE Amps 100C Amps Reverse Current @ Vrwm (Ir) 25C A 100C A 25C Volts Amps Forward Voltage (Vf) 1 Cycle Surge Current tp=8.3ms (Ifsm) 25C Amps Repetitive Surge Current (Ifrm) 25C Amps Reverse Recovery Time (1) (Trr) 25C ns C / W Thermal Impd.
uJ-C
200 600 1000 200 600 1000 200 600 1000
1.5 1.5 1.5 1.5 1.5 1.5 1.4 1.4 1.4
1.0 1.0 1.0 1.0 1.0 1.0 0.9 0.9 0.9
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
25 25 25 25 25 25 25 25 25
1.1 1.1 1.1 1.3 1.3 1.3 1.7 1.7 1.7
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
50 50 50 25 25 25 25 25 25
10 10 10 6.0 6.0 6.0 5.0 5.0 5.0
3000 3000 3000 150 150 150 70 70 70
22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5
(1)Trr Testing: If=0.5A, Ir=1.0A, Irr=0.25A *Op. Temp.= -55C to +150C Stg. Temp.= -55C to +150C
10
.435 (11.05)
.187(4.75) .030(.762) DIA. .100(2.54)
_ + AC
AC
_
+
AC
.068(1.73) .50(12.7) MIN.
.435(11.05) AC
Dimensions: In. (mm) * All temperatures are ambient unless otherwise noted. * Data subject to change without notice.
VOLTAGE MULTIPLIERS INC. 8711 W. Roosevelt Ave. Visalia, CA 93291
TEL 559-651-1402 FAX 559-651-0740 www.voltagemultipliers.com
223
1102E - 1110E * 1102FE - 1110FE * 1102UFE - 1110UFE
1.6 1.4
1100E-FE
MAXIMUM FORWARD CURRENT VS. TEMPERATURE
2.6 2.4 2.2 Forward Voltage (V) 2.0 1.8 1.6 1.4 1.2
TYPICAL FORWARD VOLTAGE VS. FORWARD CURRENT AT 25C
Maximum Current (I)
1.2 1 0.8 0.6 0.4 0.2 0 25 50 75 100 125 Ambient Temperature (C) Temperature (C) 150
1100UFE 1100UFE 1100FE
1100E
1.0 0.8 0.6 0 1 2 3 4 5 6 Forward Current (A) 7 8 9
1000
REVERSE CURRENT VS. TEMPERATURE AT Vrwm
Reverse Current (uA)
100
10
1 25 50 75 100 Temperature (C) Temperature (C) 125 150
224


▲Up To Search▲   

 
Price & Availability of 1110UFE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X